Part Number Hot Search : 
2012S MJ1500 KRC111S X20C04EM DGBRR P30N6 SEC15103 CS512
Product Description
Full Text Search
 

To Download IXFX24N100F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2002 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 150 c 1000 v v dgr t j = 25 c to 150 c; r gs = 1 m ? 1000 v v gs continuous 20 v v gsm transient 30 v i d25 t c = 25 c24a i dm t c = 25 c, pulse width limited by t jm 96 a i ar t c = 25 c24a e ar t c = 25 c60mj e as t c = 25 c 3.0 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss 10 v/ns t j 150 c, r g = 2 ? p d t c = 25 c 560 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.063 in.) from case for 10 s 300 c m d mounting torque to-264 0.4/6 nm/lb.in. weight plus 247 6 g to-264 10 g symbol test conditions characteristic values (t j = 25c, unless otherwise specified) min. typ. max. v dss v gs = 0 v, i d = 1ma 1000 v v gs(th) v ds = v gs , i d = 8ma 3.0 5.5 v i gss v gs = 20 v, v ds = 0 200 na i dss v ds = v dss t j = 25c 100 ma v gs = 0 v t j = 125c 3 ma r ds(on) v gs = 10 v, i d = 0.5 ? i d25 0.39 ? note 1 98874-a(8/02) plus 247 tm (ixfx) g d (tab) g = gate d = drain s = source tab = drain s g d (tab) to-264 aa (ixfk) hiperrf tm power mosfets f-class: megahertz switching n-channel enhancement mode avalanche rated, low q g , low intrinsic r g high dv/dt, low t rr features z rf capable mosfets z double metal process for low gate resistance z unclamped inductive switching (uis) rated z low package inductance - easy to drive and to protect z fast intrinsic rectifier applications z dc-dc converters z switched-mode and resonant-mode power supplies, >500khz switching z dc choppers z pulse generation z laser drivers advantages z plus 247 tm package for clip or spring mounting z space savings z high power density ixfx 24n100f ixfk 24n100f v dss = 1000 v i d25 = 24 a r ds(on) = 0.39 ? ? ? ? ? t rr 250 ns
ixys reserves the right to change limits, test conditions, and dimensions. ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 0.5 ? i d25 note 1 16 24 s c iss 6600 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 760 pf c rss 230 pf t d(on) 22 ns t r v gs = 10 v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 18 ns t d(off) r g = 1 ? (external) 52 ns t f 11 ns q g(on) 195 nc q gs v gs = 10 v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 40 nc q gd 100 nc r thjc 0.21 k/w r thck 0.15 k/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 24 a i sm repetitive; 96 a pulse width limited by t jm v sd i f = i s , v gs = 0 v, note 1 1.5 v t rr 250 ns q rm 1.4 c i rm 10 a i f = i s ,-di/dt = 100 a/ s, v r = 100 v dim. millimeter inches min. max. min. max. a 4.83 5.21 .190 .205 a 1 2.29 2.54 .090 .100 a 2 1.91 2.16 .075 .085 b 1.14 1.40 .045 .055 b 1 1.91 2.13 .075 .084 b 2 2.92 3.12 .115 .123 c 0.61 0.80 .024 .031 d 20.80 21.34 .819 .840 e 15.75 16.13 .620 .635 e 5.45 bsc .215 bsc l 19.81 20.32 .780 .800 l1 3.81 4.32 .150 .170 q 5.59 6.20 .220 0.244 r 4.32 4.83 .170 .190 terminals: 1 - gate 2 - drain (collector) 3 - source (emitter) 4 - drain (collector) plus 247 tm outline note: 1. pulse test, t 300 s, duty cycle d 2 % to-264 aa outline millimeter inches min. max. min. max. a 4.82 5.13 .190 .202 a1 2.54 2.89 .100 .114 a2 2.00 2.10 .079 .083 b 1.12 1.42 .044 .056 b1 2.39 2.69 .094 .106 b2 2.90 3.09 .114 .122 c 0.53 0.83 .021 .033 d 25.91 26.16 1.020 1.030 e 19.81 19.96 .780 .786 e 5.46 bsc .215 bsc j 0.00 0.25 .000 .010 k 0.00 0.25 .000 .010 l 20.32 20.83 .800 .820 l1 2.29 2.59 .090 .102 p 3.17 3.66 .125 .144 q 6.07 6.27 .239 .247 q1 8.38 8.69 .330 .342 r 3.81 4.32 .150 .170 r1 1.78 2.29 .070 .090 s 6.04 6.30 .238 .248 t 1.57 1.83 .062 .072 dim. ixfk 24n100f ixfx 24n100f
v gs - volts 3.0 3.5 4.0 4.5 5.0 5.5 6.0 i d - amperes 0 5 10 15 20 25 t c - degrees c -50 -25 0 25 50 75 100 125 150 i d - amperes 0 4 8 12 16 20 24 28 t j - degrees c -25 0 25 50 75 100 125 150 r ds(on) - normalized 0.0 0.5 1.0 1.5 2.0 2.5 3.0 i d - amperes 0 5 10 15 20 25 30 35 40 45 50 r ds(on) - normalized 0.5 1.0 1.5 2.0 2.5 3.0 3.5 v ds - volts 0 5 10 15 20 25 30 i d - amperes 0 5 10 15 20 25 30 35 40 v ds - volts 0 5 10 15 20 25 i d - amperes 0 10 20 30 40 50 60 5v v gs = 10v t j = 125 o c t j = 25 o c 6v 5v t j = 25 o c t j = 25 o c t j = 150 o c 6v v gs = 10v 9v 8v 7v v gs = 10v 9v 8v 7v t j = 125 o c t j = -40 o c ixf_24n100f-p1 i d = 24a i d = 12a v gs = 10v fig. 1. output characteristics at 25 o c fig. 2. output characteristics at 125 o c fig. 3. r ds(on) vs. drain current fig. 4. r ds(on) vs. t j fig. 5. drain vs. case temperature fig. 6. admittance curves ixfk 24n100f ixfx 24n100f
pulse width - seconds 10 -4 10 -3 10 -2 10 -1 10 0 10 1 r(th) jc - k/w 0.001 0.01 0.1 1 v ds - volts 0 5 10 15 20 25 30 35 40 capacitance - pf 100 250 500 1000 2500 5000 gate charge - nc 0 50 100 150 200 250 300 v gs - volts 0 5 10 15 crss coss ciss v ds = 500v i d = 12a f = 1mhz v sd - volts 0.2 0.4 0.6 0.8 1.0 1.2 i d - amperes 0 5 10 15 20 25 30 35 40 45 50 t j = 125 o c t j = 25 o c ixf_24n100f-p2 single pulse fig. 7. gate charge cha racteristic curve fig. 8. capacitance curves fig. 9. source current vs. source to drain voltage fig. 10. thermal impedence ixfk 24n100f ixfx 24n100f


▲Up To Search▲   

 
Price & Availability of IXFX24N100F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X